Part Number Hot Search : 
M24256 TR3C157 TD6337 Q030PBF IRFF9110 FP6184 B24C6 DMA20201
Product Description
Full Text Search
 

To Download ADEX-R10LH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Reliability Mixer
Level 10 (LO Power +10 dBm) 10 to 1000 MHz
Maximum Ratings
Operating Temperature Storage Temperature RF Power IF Current -40C to 85C -55C to 100C 50mW 40mA
Surface Mount
ADEX-R10LH+
Features
Pin Connections
LO RF IF GROUND 6 3 2 1,4,5
* hermetically sealed ceramic quad * low conversion loss, 7.0 dB typ. * excellent L-R isolation, 60 dB typ. * good VSWR, 1:8:1 typ. for LO, 1.5:1 typ. for RF, 1.5:1 typ. for IF * good performance to 1500 MHz * low profile package * aqueous washable * protected by US Patent 6,133,525 and 6,947,717
CASE STYLE: CD542 PRICE: $3.35 ea. QTY. (10-49)
+ RoHS compliant in accordance with EU Directive (2002/95/EC)
The +Suffix has been added in order to identify RoHS Compliance. See our web site for RoHS Compliance methodologies and qualifications.
Applications
* cellular * instrumentation * VHF/UHF receivers
Outline Drawing
Electrical Specifications
FREQUENCY (MHz)
LO/RF fL-fU 10-1000 DC-800 IF -- X 7.0
CONVERSION LOSS (dB)
Mid-Band m 0.10 Max. 7.8 Total Range Max. 8.3
LO-RF ISOLATION (dB)
L Typ. Min. 70 55 M Typ. Min. 60 43 U Typ. Min. 47 37
LO-IF ISOLATION (dB)
L Typ. Min. 45 32 M Typ. Min. 35 25 U Typ. Min. 26 17
IP3 at center band (dBm)
Typ. 16
1 dB COMP.: +5 dBm typ. Conversion loss increases 0.5 when IF is above150 MHz
L = low range [fL to 10 fL] m= mid band [2fL to fU/2]
M = mid range [10 fL to fU/2]
U = upper range [fU/2 to fU]
PCB Land Pattern
Typical Performance Data
Frequency (MHz) Conversion Loss (dB)
LO 40.10 100.10 160.10 220.10 280.10 340.10 400.10 460.10 520.10 580.10 640.10 700.10 760.10 820.10 880.10 940.10 1000.10 1060.10 1120.10 1180.10 LO +10dBm 6.40 7.05 7.08 6.89 7.03 6.97 7.00 6.96 7.00 7.16 7.09 6.94 7.16 7.30 7.52 7.81 7.81 7.66 7.44 7.17
Isolation L-R (dB)
LO +10dBm 70.41 71.47 67.22 66.26 65.92 64.97 61.87 60.97 62.56 56.40 52.53 55.81 77.09 57.93 52.89 50.96 55.37 61.99 62.69 51.89
Isolation L-I (dB)
LO +10dBm 63.96 48.53 44.08 42.14 42.34 41.47 40.62 38.57 37.21 35.22 33.19 31.14 30.24 30.30 30.93 30.99 29.61 27.44 25.31 23.66
VSWR RF Port (:1)
LO +10dBm 1.40 1.41 1.42 1.42 1.44 1.46 1.49 1.51 1.53 1.56 1.55 1.54 1.58 1.61 1.64 1.65 1.62 1.54 1.43 1.32
VSWR LO Port (:1)
LO +10dBm 1.53 1.51 1.52 1.50 1.52 1.55 1.57 1.60 1.65 1.69 1.72 1.74 1.81 1.86 1.89 1.92 1.94 1.96 1.99 2.06
RF 10.10 70.10 130.10 190.10 250.10 310.10 370.10 430.10 490.10 550.10 610.10 670.10 730.10 790.10 850.10 910.10 970.10 1030.10 1090.10 1150.10
Suggested Layout, Tolerance to be within .002
Outline Dimensions ( inch ) mm
A .272 6.91 B .310 7.87 C .220 5.59 D .100 2.54 E .112 2.84 F .055 1.40 G .100 2.54
H .030 0.76
J .026 0.66
K .065 1.65
L .300 7.62
wt grams 0.20
Demo Board MCL P/N: TB-03 Suggested PCB Layout (PL-052)
Electrical Schematic
Mini-Circuits
ISO 9001 ISO 14001 CERTIFIED RF/IF MICROWAVE COMPONENTS
(R)
minicircuits.com
EW ALL N
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
REV. OR M109914 ADEX-R10LH+ ED-12873/5 WL/TD/QL 070516 Page 1 of 2
Performance Charts
10.0 9.5 9.0 8.5 8.0 7.5 7.0 6.5 6.0 5.5 5.0
at IF Freq of 30 MHz
ADEX-R10LH+
ADEX-R10LH+ L-R ISOLATION 100 90 ISOLATION (dB) 80 70 60 50 40
ADEX-R10LH+ CONVERSION LOSS
CONVERSION LOSS (dB)
LO= +7 dBm
0 200
LO= +10 dBm
400 600 FREQUENCY (MHz)
LO= +13 dBm
800 1000
LO= +7 dBm
0 200
LO= +10 dBm
400 600 FREQUENCY (MHz)
LO= +13 dBm
800 1000
ADEX-R10LH+ L-I ISOLATION
ADEX-R10LH+ RF VSWR
80 70 ISOLATION (dB) 60 50 40 30 20 10 0 200 400 600 FREQUENCY (MHz) 800 1000
LO= +7 dBm
LO= +10 dBm
LO= +13 dBm
2.0
LO= +7 dBm
LO= +10 dBm
LO= +13 dBm
1.8 VSWR 1.6 1.4 1.2 1.0 0 200 400 600 FREQUENCY (MHz) 800 1000
ADEX-R10LH+ LO VSWR 3.5
LO= +7 dBm
LO= +10 dBm
LO= +13 dBm
1.8 VSWR 1.6 1.4 1.2 2.0
ADEX-R10LH+ IF VSWR
3.0 VSWR 2.5 2.0 1.5 1.0 0 200 400 600 FREQUENCY (MHz) 800 1000
LO= +7 dBm
1.0 0 200
LO= +10 dBm
LO= +13 dBm
600 800
400 FREQUENCY (MHz)
Mini-Circuits
ISO 9001 ISO 14001 CERTIFIED RF/IF MICROWAVE COMPONENTS
(R)
minicircuits.com
EW ALL N
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
Page 2 of 2


▲Up To Search▲   

 
Price & Availability of ADEX-R10LH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X